PART |
Description |
Maker |
ADP3335 ADP3335ARM-18 ADP3335ARM-25 ADP3335ARM-285 |
0.3-16V; 200mW; 500MHz, high accuracy ultralow 500mA anyCAP low dropout regulator. For PCMCIA card, cellular phones, camcorders and cameras High Accuracy Ultralow IQ/ 500 mA anyCAP Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator High Accuracy Ultralow Quiescent Current, 500mA, anyCAP?Low Dropout
|
Analog Devices, Inc. AD[Analog Devices] http://
|
ADP3339 ADP3339AKC-18 ADP3339AKC-25 ADP3339AKC-285 |
High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.48 V DROPOUT, PDSO4 High-Accuracy Ultralow Iq, 1.5 A, anyCAPLow Dropout Regulator High-Accuracy Ultralow Iq, 1.5 A, anyCAP?Low Dropout Regulator High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator High-Accuracy Ultralow IQ 1.5 A anyCAP Low Dropout Regulator High-Accuracy Ultralow IQ/ 1.5 A/ anyCAP Low Dropout Regulator Circular Connector; No. of Contacts:24; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:24-24 RoHS Compliant: No Circular Connector; No. of Contacts:85; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:22-2 RoHS Compliant: No JT 85C 85#22 PIN RECP JT 100C 100#22D SKT RECP 0.3-8.5V; high-accuracy ultralow Ig, 1.5A, anyCAP low dropout regulator. For notebook, palmtop computers, SCSI terminators, battery-powered systems, PCMCIA regulator
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
ADP3330 ADP3330ART-25 ADP3330ART-275 ADP3330ART-28 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.75 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 3.6 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 High Accuracy Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator High Accuracy Ultralow I(Q), 200 mA, SOT-23, anyCAP® Low Dropout Regulator Analog Devices High Accuracy Ultralow I(Q), 200 mA, SOT-23, anyCAPLow Dropout Regulator High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP?/a> Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
ADP3307ART-33 ADP3307ART-32 |
High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP100 mA Low Dropout Linear Regulator 高精anyCAP⑩一○○毫安低压差线性稳压器
|
Analog Devices, Inc.
|
ADP3307 ADP3307ART-27 ADP3307ART-3 ADP3307ART-32 A |
High Accuracy anyCAP⑩ 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
AD[Analog Devices]
|
MAX689XREF |
High-Accuracy, Low-Dropout Linear Regulators
|
MAXIM - Dallas Semiconductor
|
NCV8537MN330R2G |
High Accuracy Low Dropout Linear Regulator
|
ON Semiconductor
|
NCV8535MN150R2G NCV8535MNADJR2G NCV8535MN285R2G NC |
Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator with Enable
|
ON Semiconductor
|
TLE4254 TLE4254EJA TLE4254EJS TLE4254GA TLE4254GS |
High Accuracy Low Dropout Voltage Tracking Regulator
|
Infineon Technologies AG
|
ADP3300ART-3.3-RL7 ADP3300ART-3.3-RL ADP3300ART-2. |
High Accuracy anyCAP® 50 mA Low Dropout Linear Regulator
|
Analog Devices
|
TC1107 TC1107-5.0VOA TC1107-5.0VOATR TC1107-5.0VUA |
300mA CMOS LDO with Shutdown and VREF Bypass 3.3 V FIXED POSITIVE LDO REGULATOR, 0.48 V DROPOUT, PDSO8 The TC1107 is a fixed output, high accuracy (typically ±0.5%) CMOS upgrade for older (bipolar) low dropout regulators. Total ... The TC1107 is a fixed output, high accuracy (typically ±0.5%) CMOS upgrade for older (bipolar) low dropout regulators. Total supply current is typically 50A at full load (20 to 60 times lower than in bipolar regulators!). TC1107 key
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
VRD1A1DLTX VRD1A1ELTX VRD1A25LTX VRD1A2FLTX VRD1A2 |
High speed, Low dropout, 1% High output accuracy CMOS Voltage Regulator with Dual output
|
AnaSem Hong Kong Limited
|